Part Number Hot Search : 
LM38605 HMC693 MB100 T1206 MAX40 NJU6575A T1010 1A470
Product Description
Full Text Search
 

To Download TL43106 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TL431, A, B Series, NCV431A, B Programmable Precision References
The TL431, A, B integrated circuits are three-terminal programmable shunt regulator diodes. These monolithic IC voltage references operate as a low temperature coefficient zener which is programmable from Vref to 36 V with two external resistors. These devices exhibit a wide operating current range of 1.0 mA to 100 mA with a typical dynamic impedance of 0.22 W. The characteristics of these references make them excellent replacements for zener diodes in many applications such as digital voltmeters, power supplies, and op amp circuitry. The 2.5 V reference makes it convenient to obtain a stable reference from 5.0 V logic supplies, and since the TL431, A, B operates as a shunt regulator, it can be used as either a positive or negative voltage reference.
Features http://onsemi.com
TO-92 (TO-226) LP SUFFIX CASE 29
1
2
3
Pin 1. Reference 2. Anode 3. Cathode
8 1
PDIP-8 P SUFFIX CASE 626
* * * * * * * *
Programmable Output Voltage to 36 V Voltage Reference Tolerance: 0.4%, Typ @ 25C (TL431B) Low Dynamic Output Impedance, 0.22 W Typical Sink Current Capability of 1.0 mA to 100 mA Equivalent Full-Range Temperature Coefficient of 50 ppm/C Typical Temperature Compensated for Operation over Full Rated Operating Temperature Range Low Output Noise Voltage Pb-Free Packages are Available
8 1
Micro8E DM SUFFIX CASE 846A
Cathode 1 N/C 2 N/C 3 N/C 4 (Top View)
8 Reference 7 N/C 6 Anode 5 N/C
8 1
SOIC-8 D SUFFIX CASE 751
Cathode 1 Anode 2 3 N/C 4 (Top View)
8 7 6 5
Reference Anode N/C
This is an internally modified SOIC-8 package. Pins 2, 3, 6 and 7 are electrically common to the die attach flag. This internal lead frame modification increases power dissipation capability when appropriately mounted on a printed circuit board. This modified package conforms to all external dimensions of the standard SOIC-8 package.
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 13 of this data sheet.
DEVICE MARKING INFORMATION
See general marking information in the device marking section on page 16 of this data sheet.
(c) Semiconductor Components Industries, LLC, 2006
1
November, 2006 - Rev. 25
Publication Order Number: TL431/D
TL431, A, B Series, NCV431A, B
Symbol
Cathode (K) Reference (R) 800 Anode (A) Reference (R) 800 20 pF
Representative Schematic Diagram Component values are nominal
Cathode (K)
Representative Block Diagram
Reference (R) Cathode (K) 2.4 k
3.28 k 20 pF 7.2 k
150 4.0 k 10 k
+ - 2.5 Vref
1.0 k 800 Anode (A) Anode (A)
This device contains 12 active transistors.
MAXIMUM RATINGS (Full operating ambient temperature range applies, unless otherwise noted.)
Rating Cathode to Anode Voltage Cathode Current Range, Continuous Reference Input Current Range, Continuous Operating Junction Temperature Operating Ambient Temperature Range TL431I, TL431AI, TL431BI TL431C, TL431AC, TL431BC NCV431AI, NCV431B, TL431BV Storage Temperature Range Total Power Dissipation @ TA = 25C Derate above 25C Ambient Temperature D, LP Suffix Plastic Package P Suffix Plastic Package DM Suffix Plastic Package Total Power Dissipation @ TC = 25C Derate above 25C Case Temperature D, LP Suffix Plastic Package P Suffix Plastic Package ESD Rating Symbol VKA IK Iref TJ TA -40 to +85 0 to +70 -40 to +125 Tstg PD 0.70 1.10 0.52 PD 1.5 3.0 HBM MM >2000 >200 V W -65 to +150 C W Value 37 -100 to +150 -0.05 to +10 150 Unit V mA mA C C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
Condition Cathode to Anode Voltage Cathode Current Symbol VKA IK Min Vref 1.0 Max 36 100 Unit V mA
THERMAL CHARACTERISTICS
Characteristic Thermal Resistance, Junction-to-Ambient Thermal Resistance, Junction-to-Case Symbol RqJA RqJC D, LP Suffix Package 178 83 P Suffix Package 114 41 DM Suffix Package 240 - Unit C/W C/W
http://onsemi.com
2
TL431, A, B Series, NCV431A, B
ELECTRICAL CHARACTERISTICS (TA = 25C, unless otherwise noted.)
TL431I Characteristic Reference Input Voltage (Figure 1) VKA = Vref, IK = 10 mA TA = 25C TA = Tlow to Thigh (Note 1) Reference Input Voltage Deviation Over Temperature Range (Figure 1, Notes 1, 2) VKA= Vref, IK = 10 mA Ratio of Change in Reference Input Voltage to Change in Cathode to Anode Voltage IK = 10 mA (Figure 2), DVKA = 10 V to Vref DVKA = 36 V to 10 V Reference Input Current (Figure 2) IK = 10 mA, R1 = 10 k, R2 = TA = 25C TA = Tlow to Thigh (Note 1) Reference Input Current Deviation Over Temperature Range (Figure 2, Note 1, 4) IK = 10 mA, R1 = 10 k, R2 = Minimum Cathode Current For Regulation VKA = Vref (Figure 1) Off-State Cathode Current (Figure 3) VKA = 36 V, Vref = 0 V Dynamic Impedance (Figure 1, Note 3) VKA = Vref, DIK = 1.0 mA to 100 mA f 1.0 kHz 1. Tlow Symbol Vref 2.44 2.41 DVref - 2.495 - 7.0 2.55 2.58 30 2.44 2.423 - 2.495 - 3.0 2.55 2.567 17 mV Min Typ Max Min TL431C Typ Max Unit V
DV
DV ref KA - - Iref - - 1.8 - 0.8 4.0 6.5 2.5 - - - 1.8 - 0.4 4.0 5.2 1.2 -1.4 -1.0 -2.7 -2.0 - - -1.4 -1.0 -2.7 -2.0
mV/V
mA
DIref
-
mA
Imin Ioff |ZKA|
- - -
0.5 20 0.22
1.0 1000 0.5
- - -
0.5 20 0.22
1.0 1000 0.5
mA nA W
= -40C for TL431AIP TL431AILP, TL431IP, TL431ILP, TL431BID, TL431BIP, TL431BILP, TL431AIDM, TL431IDM, TL431BIDM; = 0C for TL431ACP, TL431ACLP, TL431CP, TL431CLP, TL431CD, TL431ACD, TL431BCD, TL431BCP, TL431BCLP, TL431CDM, TL431ACDM, TL431BCDM Thigh = +85C for TL431AIP, TL431AILP, TL431IP, TL431ILP, TL431BID, TL431BIP, TL431BILP, TL431IDM, TL431AIDM, TL431BIDM = +70C for TL431ACP, TL431ACLP, TL431CP, TL431ACD, TL431BCD, TL431BCP, TL431BCLP, TL431CDM, TL431ACDM, TL431BCDM 2. The deviation parameter DVref is defined as the difference between the maximum and minimum values obtained over the full operating ambient temperature range that applies.
Vref max DVref = Vref max -Vref min DTA = T2 - T1
Vref min T1 T2
Ambient Temperature
The average temperature coefficient of the reference input voltage, aVref is defined as:
ppm V ref + _C
DV ref V ref @ 25_C D TA
X 10 6 +
D V ref x 10 6 D T A (V ref @ 25_C)
aVref can be positive or negative depending on whether Vref Min or Vref Max occurs at the lower ambient temperature. (Refer to Figure 6.) Example : DV ref + 8.0 mV and slope is positive, V ref @ 25_C + 2.495 V, DT A + 70_C DV a V ref + 0.008 x 106 + 45.8 ppm _C 70 (2.495)
KA. When the device is programmed with two external resistors, R1 and R2, 3. The dynamic impedance ZKA is defined as: |Z KA| + DI K (refer to Figure 2) the total dynamic impedance of the circuit is defined as: |Z KA | [ |Z KA| 1 ) R1 R2
http://onsemi.com
3
TL431, A, B Series, NCV431A, B
ELECTRICAL CHARACTERISTICS (TA = 25C, unless otherwise noted.)
TL431AI / NCV431AI Characteristic Reference Input Voltage (Figure 1) VKA = Vref, IK = 10 mA TA = 25C TA = Tlow to Thigh Reference Input Voltage Deviation Over Temperature Range (Figure 1, Notes 4, 5) VKA= Vref, IK = 10 mA Ratio of Change in Reference Input Voltage to Change in Cathode to Anode Voltage IK = 10 mA (Figure 2), DVKA = 10 V to Vref DVKA = 36 V to 10 V Reference Input Current (Figure 2) IK = 10 mA, R1 = 10 k, R2 = TA = 25C TA = Tlow to Thigh (Note 4) Reference Input Current Deviation Over Temperature Range (Figure 2, Note 4) IK = 10 mA, R1 = 10 k, R2 = Minimum Cathode Current For Regulation VKA = Vref (Figure 1) Off-State Cathode Current (Figure 3) VKA = 36 V, Vref = 0 V Dynamic Impedance (Figure 1, Note 6) VKA = Vref, DIK = 1.0 mA to 100 mA f 1.0 kHz 4. Tlow Symbol Vref 2.47 2.44 DVref - 2.495 - 7.0 2.52 2.55 30 2.47 2.453 - 2.495 - 3.0 2.52 2.537 17 2.483 2.475 - 2.495 2.495 3.0 2.507 2.515 17 mV Min Typ Max Min TL431AC Typ Max TL431BI / TL431BV NCV431BV Min Typ Max Unit V
DV
DV ref KA - - Iref - - DIref - 1.8 - 0.8 4.0 6.5 2.5 - - - 1.8 - 0.4 4.0 5.2 1.2 - - - 1.1 - 0.8 2.0 4.0 2.5 -1.4 -1.0 -2.7 -2.0 - - -1.4 -1.0 -2.7 -2.0 - - -1.4 -1.0 -2.7 -2.0
mV/V
mA
mA
Imin Ioff |ZKA|
- - -
0.5 20 0.22
1.0 1000 0.5
- - -
0.5 20 0.22
1.0 1000 0.5
- - -
0.5 0.23 0.14
1.0 500 0.3
mA nA W
= -40C for TL431AIP TL431AILP, TL431IP, TL431ILP, TL431BID, TL431BIP, TL431BILP, TL431BV, TL431AIDM, TL431IDM, TL431BIDM, NCV431AIDMR2, NCV431AIDR2 = 0C for TL431ACP, TL431ACLP, TL431CP, TL431CLP, TL431CD, TL431ACD, TL431BCD, TL431BCP, TL431BCLP, TL431CDM, TL431ACDM, TL431BCDM Thigh = +85C for TL431AIP, TL431AILP, TL431IP, TL431ILP, TL431BID, TL431BIP, TL431BILP, TL431IDM, TL431AIDM, TL431BIDM = +70C for TL431ACP, TL431ACLP, TL431CP, TL431ACD, TL431BCD, TL431BCP, TL431BCLP, TL431CDM, TL431ACDM, TL431BCDM = +125C TL431BV, NCV431AIDMR2, NCV431AIDR2, NCV431BVDMR2G 5. The deviation parameter DVref is defined as the difference between the maximum and minimum values obtained over the full operating ambient temperature range that applies.
Vref max DVref = Vref max -Vref min DTA = T2 - T1
Vref min T1 T2
Ambient Temperature
The average temperature coefficient of the reference input voltage, aVref is defined as:
ppm V ref + _C
DV ref V ref @ 25_C D TA
X 10 6 +
D V ref x 10 6 D T A (V ref @ 25_C)
aVref can be positive or negative depending on whether Vref Min or Vref Max occurs at the lower ambient temperature. (Refer to Figure 6.) Example : DV ref + 8.0 mV and slope is positive, V ref @ 25_C + 2.495 V, DT A + 70_C DV a V ref + 0.008 x 106 + 45.8 ppm _C 70 (2.495)
KA When the device is programmed with two external resistors, R1 and R2, (refer 6. The dynamic impedance ZKA is defined as |Z KA| + DI K to Figure 2) the total dynamic impedance of the circuit is defined as: |Z KA | [ |Z KA| 1 ) R1 R2 7. NCV431AIDMR2, NCV431AIDR2, NCV431BVDMR2G Tlow = -40C, Thigh = +125C. Guaranteed by design. NCV prefix is for automotive and other applications requiring site and change control.
http://onsemi.com
4
TL431, A, B Series, NCV431A, B
Input IK VKA Input R1 Vref Iref IK VKA Input Ioff VKA
R2 Vref
V
KA
+V
ref
1 ) R1 ) I S R1 ref R2
Figure 1. Test Circuit for VKA = Vref
Figure 2. Test Circuit for VKA > Vref
Figure 3. Test Circuit for Ioff
150 IK , CATHODE CURRENT (mA) IK , CATHODE CURRENT ( A) 100 50 0 -50 -100 -2.0 VKA = Vref TA = 25C Input IK VKA
800 600 Input 400 200 0 VKA = Vref TA = 25C VKA IK IMin
-1.0
0
1.0
2.0
3.0
-200 -1.0
0
1.0 VKA, CATHODE VOLTAGE (V)
2.0
3.0
VKA, CATHODE VOLTAGE (V)
Figure 4. Cathode Current versus Cathode Voltage
Figure 5. Cathode Current versus Cathode Voltage
Vref , REFERENCE INPUT VOLTAGE (mV)
2580 2560 2540 2520 2500 2480 2460 2440 2420
Input Vref
Vref Max = 2550 mV
Iref , REFERENCE INPUT CURRENT (A)
2600
VKA IK VKA = Vref IK = 10 mA
3.0 2.5 2.0 1.5 IK = 10 mA 1.0 0.5 0 -55 -25 0 25 50 75 100 125 Input 10k Iref IK VKA
Vref Typ = 2495 mV
Vref Min = 2440 mV
2400 -55
-25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (C)
TA, AMBIENT TEMPERATURE (C)
Figure 6. Reference Input Voltage versus Ambient Temperature
Figure 7. Reference Input Current versus Ambient Temperature
http://onsemi.com
5
TL431, A, B Series, NCV431A, B
Vref , REFERENCE INPUT VOLTAGE (mV) IK = 10 mA TA = 25C -8.0 Ioff , OFF-STATE CATHODE CURRENT (nA) 0 1.0 k 100 10 1.0 0.1 0.01 -55 VKA = 36 V Vref = 0 V VKA Ioff
-16
Input R1 IK Vref
VKA
Input
-24
R2
-32
0
10
20
30
40
-25
0
25
50
75
100
125
VKA, CATHODE VOLTAGE (V)
TA, AMBIENT TEMPERATURE (5C)
Figure 8. Change in Reference Input Voltage versus Cathode Voltage
Figure 9. Off-State Cathode Current versus Ambient Temperature
100 |ZKA|, DYNAMIC IMPEDANCE ( ) Output IK - + GND |ZKA|, DYNAMIC IMPEDANCE ( ) 1.0 k 50 10 TA = 25C D IK = 1.0 mA to 100 mA
0.320 0.300 0.280 0.260 0.240 0.220 0.200 -55 -25 0 25 50 75 100 125 VKA = Vref D IK = 1.0 mA to 100 mA f 1.0 kHz Output 1.0 k IK 50 - + GND
1.0
0.1 1.0 k
10 k
100 k f, FREQUENCY (MHz)
1.0 M
10 M
TA, AMBIENT TEMPERATURE (C)
Figure 10. Dynamic Impedance versus Frequency
Figure 11. Dynamic Impedance versus Ambient Temperature
A VOL, OPEN LOOP VOLTAGE GAIN (dB)
60 50 40 30 20 10 0 -10 1.0 k 10 k 100 k f, FREQUENCY (MHz) 1.0 M 10 M IK = 10 mA TA = 25C NOISE VOLTAGE (nV/ Hz) 9.0 mF 15 k 8.25 k GND IK Output 230
80
60
40 Input 20
VKA = Vref IK = 10 mA TA = 25C Output IK
0 10
100
1.0 k f, FREQUENCY (Hz)
10 k
100 k
Figure 12. Open-Loop Voltage Gain versus Frequency
Figure 13. Spectral Noise Density
http://onsemi.com
6
TL431, A, B Series, NCV431A, B
3.0 VOLTAGE SWING (V) 2.0 1.0 0 5.0 0 0 4.0 Input 8.0 t, TIME (ms) 12 16 20 TA = 25C Output 140 Input Monitor Pulse Generator f = 100 kHz 220 Output 50 GND 120 I K, CATHODE CURRENT (mA) 100 80 60 40 20 0 1.0 nF A 1.0 mF Stable B D B A 10 mF 100 mF Stable
Unstable Area A B C D Programmed VKA(V) Vref 5.0 10 15
C
TA = 25C
10 nF
100 nF
CL, LOAD CAPACITANCE
Figure 14. Pulse Response
Figure 15. Stability Boundary Conditions
150 IK V+ CL V+
150 IK 10 k CL
Figure 16. Test Circuit For Curve A of Stability Boundary Conditions
Figure 17. Test Circuit For Curves B, C, And D of Stability Boundary Conditions
TYPICAL APPLICATIONS
V+ R1
Vout
V+ R1
Vout
R2 R2 V out + 1 ) R1 V R2 ref 1 ) R1 V R2 ref
V out +
Figure 18. Shunt Regulator
Figure 19. High Current Shunt Regulator
http://onsemi.com
7
TL431, A, B Series, NCV431A, B
V+ V+ MC7805 Out In Common R1 Vout R1 Vout
R2 R2 1 ) R1 V R2 ref V out + 1 ) R1 V R2 ref
V out +
V out(min) + V ref ) 5.0 V
V in(min) + V out ) V be V out(min) + V ref
Figure 20. Output Control for a Three-Terminal Fixed Regulator
Figure 21. Series Pass Regulator
V+
RCL
Iout
V+
Isink
I V I out + ref R CL
Sink
V + ref R S
RS
Figure 22. Constant Current Source
Figure 23. Constant Current Sink
V+ R1
Vout
V+ R1
Vout
R2 R2 V out(trip) + 1 ) R1 V R2 ref 1 ) R1 V R2 ref
V
out(trip)
+
Figure 24. TRIAC Crowbar
Figure 25. SRC Crowbar
http://onsemi.com
8
TL431, A, B Series, NCV431A, B
V+ l R1 R3 Vout V+
Vout Vin R2 R4 Vth = Vref Vin < Vref > Vref Vout V+ 2.0 V
L.E.D. indicator is `on' when V+ is between the upper and lower limits. Lower Limit + Upper Limit + 1 ) R1 V R2 ref 1 ) R3 V R4 ref
Figure 26. Voltage Monitor
Figure 27. Single-Supply Comparator with Temperature-Compensated Threshold
25 V 1N5305 2.0 mA 10 k Calibrate 25 V - LM11 + Tl = 330 to 8.0 W TI 8.0 W
38 V 330
5.0 k 1%
50 k 1% 10 kW V
500 k 1%
5.0 M 1%
+ 360 k 1.0 mF
470 mF
1.0 kW V RX
100 kW 1.0 MW V V Range
Vout * Thermalloy * THM 6024 * Heatsink on * LP Package
* 0.05 mF Tone 25 k
Volume 47 k
-5.0 V W Range R x + V out D V
56 k
10 k
Figure 28. Linear Ohmmeter
Figure 29. Simple 400 mW Phono Amplifier
http://onsemi.com
9
TL431, A, B Series, NCV431A, B
Vin = 10 V to 20 V 1.0 k
150 mH @ 2.0 A TIP115 Vout = 5.0 V Iout = 1.0 A 4.7 k MPSA20 2200 mF 4.7 k 0.1 mF 2.2 k 10 51 k 4.7 k 1N5823 0.01mF 100 k 470 mF +
+
Figure 30. High Efficiency Step-Down Switching Converter
Test Line Regulation Load Regulation Output Ripple Output Ripple Efficiency
Conditions Vin = 10 V to 20 V, Io = 1.0 A Vin = 15 V, Io = 0 A to 1.0 A Vin = 10 V, Io = 1.0 A Vin = 20 V, Io = 1.0 A Vin = 15 V, Io = 1.0 A
Results 53 mV (1.1%) 25 mV (0.5%) 50 mVpp P.A.R.D. 100 mVpp P.A.R.D. 82%
http://onsemi.com
10
TL431, A, B Series, NCV431A, B
APPLICATIONS INFORMATION The TL431 is a programmable precision reference which is used in a variety of ways. It serves as a reference voltage in circuits where a non-standard reference voltage is needed. Other uses include feedback control for driving an optocoupler in power supplies, voltage monitor, constant current source, constant current sink and series pass regulator. In each of these applications, it is critical to maintain stability of the device at various operating currents and load capacitances. In some cases the circuit designer can estimate the stabilization capacitance from the stability boundary conditions curve provided in Figure 15. However, these typical curves only provide stability information at specific cathode voltages and at a specific load condition. Additional information is needed to determine the capacitance needed to optimize phase margin or allow for process variation. A simplified model of the TL431 is shown in Figure 31. When tested for stability boundaries, the load resistance is 150 W. The model reference input consists of an input transistor and a dc emitter resistance connected to the device anode. A dependent current source, Gm, develops a current whose amplitude is determined by the difference between the 1.78 V internal reference voltage source and the input transistor emitter voltage. A portion of Gm flows through compensation capacitance, CP2. The voltage across CP2 drives the output dependent current source, Go, which is connected across the device cathode and anode. Model component values are: Vref = 1.78 V Gm = 0.3 + 2.7 exp (-IC/26 mA)
where IC is the device cathode current and Gm is in mhos P2 + 2p R 1 1 + + 60 kHz 2p * 10 M * 0.265 pF C P2 P2 1 1 + + 500 kHz C 2p * 15.9 k * 20 pF Z1 P1
Z1 +
2p R
In addition, there is an external circuit pole defined by the load:
1 P+ L 2p R C LL
Also, the transfer dc voltage gain of the TL431 is:
G+G R GoR M GM L
Example 1:
I + 10 mA, R + 230 W, C + 0. Define the transfer gain. L L C
The DC gain is:
G+G R GoR + M GM L (2.138)(1.0 M)(1.25 m)(230) + 615 + 56 dB Loop gain + G 8.25 k + 218 + 47 dB 8.25 k ) 15 k
The resulting transfer function Bode plot is shown in Figure 32. The asymptotic plot may be expressed as the following equation:
1) Av + 615 1) jf 500 kHz 1) jf 60 kHz
Go = 1.25 (Vcp2) mmhos. Resistor and capacitor typical values are shown on the model. Process tolerances are 20% for resistors, 10% for capacitors, and 40% for transconductances. An examination of the device model reveals the location of circuit poles and zeroes:
P1 + 1 2p R GM C P1 + 1 + 7.96 kHz 2p * 1.0 M * 20 pF
jf 8.0 kHz
The Bode plot shows a unity gain crossover frequency of approximately 600 kHz. The phase margin, calculated from the equation, would be 55.9 degrees. This model matches the Open-Loop Bode Plot of Figure 12. The total loop would have a unity gain frequency of about 300 kHz with a phase margin of about 44 degrees.
http://onsemi.com
11
TL431, A, B Series, NCV431A, B
VCC
RL
Input 15 k 9.0 mF Ref 1 500 k 8.25 k
CL 3 Cathode RP2 10 M + - GM Rref
16
Vref
1.78 V
Go 1.0 mmho CP2 0.265 pF
RGM 1.0 M
CP1 20 pF RZ1 15.9 k
Anode
2
Figure 31. Simplified TL431 Device Model
TL431 OPEN-LOOP VOLTAGE GAIN VERSUS FREQUENCY 60 Av, OPEN-LOOP VOLTAGE GAIN (dB) 50 40 30 20 10 Av, OPEN-LOOP GAIN (dB) 0 -10 -20 101 102 103 104 105 106 107 f, FREQUENCY (Hz) 60 40 20 0 -20 101 102 103 104 105 106 f, FREQUENCY (Hz) TL431 OPEN-LOOP BODE PLOT WITH LOAD CAP 80
Note that the transfer function now has an extra pole formed by the load capacitance and load resistance. Note that the crossover frequency in this case is about 250 kHz, having a phase margin of about -46 degrees. Therefore, instability of this circuit is likely.
Figure 32. Example 1 Circuit Open Loop Gain Plot
Example 2. IC = 7.5 mA, RL = 2.2 kW, CL = 0.01 mF. Cathode tied to reference input pin. An examination of the data sheet stability boundary curve (Figure 15) shows that this value of load capacitance and cathode current is on the boundary. Define the transfer gain. The DC gain is:
G+G R GoR + M GM L (2.323)(1.0 M)(1.25 m)(2200) + 6389 + 76 dB
Figure 33. Example 2 Circuit Open Loop Gain Plot
The resulting open loop Bode plot is shown in Figure 33. The asymptotic plot may be expressed as the following equation:
1) Av + 615 1) jf 8.0 kHz jf 500 kHz jf 60 kHz 1) jf 7.2 kHz
With three poles, this system is unstable. The only hope for stabilizing this circuit is to add a zero. However, that can only be done by adding a series resistance to the output capacitance, which will reduce its effectiveness as a noise filter. Therefore, practically, in reference voltage applications, the best solution appears to be to use a smaller value of capacitance in low noise applications or a very large value to provide noise filtering and a dominant pole rolloff of the system.
1)
http://onsemi.com
12
TL431, A, B Series, NCV431A, B
ORDERING INFORMATION
Device TL431ACD TL431ACDG TL431BCD TL431BCDG TL431CD TL431CDG TL431ACDR2 TL431ACDR2G TL431BCDR2 TL431BCDR2G TL431CDR2 TL431CDR2G TL431ACDMR2 TL431ACDMR2G TL431BCDMR2 TL431BCDMR2G TL431CDMR2 TL431CDMR2G TL431ACP TL431ACPG TL431BCP TL431BCPG TL431CP TL431CPG TL431ACLP TL431ACLPG TL431BCLP TL431BCLPG TL431CLP TL431CLPG TL431ACLPRA TL431ACLPRAG 0C to 70C Operating Temperature Range Package Code SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) Micro8 Micro8 (Pb-Free) Micro8 Micro8 (Pb-Free) Micro8 Micro8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) 2000 Units / Tape & Reel 1.0% 2.2% 2000 Units / Bag 0.4% 1.0% 2.2% 50 Units / Rail 2.2% 1.0% 1.0% 0.4% 0.4% 4000 Units / Tape & Reel 0.4% 2.2% 1.0% 1.0% 2500 Units / Tape & Reel 0.4% 1.0% 98 Units / Rail 0.4% 2.2% 2.2% 1.0% Shipping Information Tolerance
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
13
TL431, A, B Series, NCV431A, B
ORDERING INFORMATION
Device TL431BCLPRA TL431BCLPRAG TL431CLPRA TL431CLPRAG TL431ACLPRE TL431ACLPREG TL431BCLPRE TL431BCLPREG TL431ACLPRP TL431ACLPRPG TL431BCLPRM TL431BCLPRMG TL431CLPRP TL431CLPRPG TL431AID TL431AIDG TL431BID TL431BIDG TL431ID TL431IDG TL431AIDR2 TL431AIDR2G TL431BIDR2 TL431BIDR2G TL431IDR2 TL431IDR2G TL431AIDMR2 TL431AIDMR2G TL431BIDMR2 TL431BIDMR2G TL431IDMR2 TL431IDMR2G -40C to 85C 0C to 70C Operating Temperature Range Package Code TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) Micro8 Micro8 (Pb-Free) Micro8 Micro8 (Pb-Free) Micro8 Micro8 (Pb-Free) 2.2% 4000 Units / Tape & Reel 0.4% 2.2% 1.0% 1.0% 2500 Units / Tape & Reel 0.4% 1.0% 2.2% 98 Units / Rail 0.4% 2000 Units / Fan-Fold 2.2% 1.0% 1.0% 0.4% 2000 / Tape & Ammo Box 1.0% 2000 Units / Tape & Reel 1.0% 0.4% 0.4% 2.2% 0.4% Shipping Information Tolerance
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
14
TL431, A, B Series, NCV431A, B
ORDERING INFORMATION
Device TL431AIP TL431AIPG TL431BIP TL431BIPG TL431IP TL431IPG TL431AILP TL431AILPG TL431BILP TL431BILPG TL431ILP TL431ILPG TL431AILPRA TL431AILPRAG TL431BILPRA TL431BILPRAG TL431ILPRA TL431ILPRAG TL431AILPRM TL431AILPRMG TL431AILPRP TL431AILPRPG TL431ILPRP TL431ILPRPG TL431BVD TL431BVDG TL431BVDR2 TL431BVDR2G TL431BVDMR2 TL431BVDMR2G TL431BVLP TL431BVLPG -40C to 125C -40C to 85C Operating Temperature Range Package Code PDIP-8 PDIP-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) PDIP-8 PDIP-8 (Pb-Free) TO-92 (TO-226) TO-92 (TO-226) TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) Micro8 Micro8 (Pb-Free) TO-92 (TO-226) TO-92 (TO-226) (Pb-Free) 2000 Units / Bag 4000 Units / Tape & Reel 2500 Units / Tape & Reel 98 Units / Rail 2000 / Tape & Ammo Box 2.2% 1.0% 1.0% 1.0% 1.0% 2.2% 2.2% 0.4% 0.4% 0.4% 0.4% 0.4% 0.4% 0.4% 0.4% 2000 Units / Tape & Reel 0.4% 1.0% 2.2% 2000 Units / Bag 0.4% 50 Units / Rail 1.0% 0.4% 0.4% 2.2% 2.2% 1.0% 1.0% Shipping Information Tolerance
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
15
TL431, A, B Series, NCV431A, B
ORDERING INFORMATION
Device TL431BVP TL431BVPG NCV431AIDMR2 NCV431AIDMR2G -40C to 125C NCV431AIDR2 NCV431AIDR2G NCV431BVDMR2G Operating Temperature Range Package Code PDIP-8 PDIP-8 (Pb-Free) Micro8 Micro8 (Pb-Free) SOIC-8 SOIC-8 (Pb-Free) Micro8 (Pb-Free) 2500 Units / Tape & Reel 4000 Units / Tape & Reel 50 Units / Rail Shipping Information Tolerance 0.4% 0.4% 1% 1% 1% 1% 0.4%
4000 Units / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
MARKING DIAGRAMS
SOIC-8 D SUFFIX CASE 751 8 431xx AYWW G 1
Micro8 CASE 846A
PDIP-8 CASE 626
TO-92 (TO-226) CASE 29
8 xxx AYWG G 1
8 TL431xx AWL YYWWG 1 TL431 xxxx YWW G G
xxxx = Specific Device Code A = Assembly Location Y, YY = Year WW, W = Work Week G or G = Pb-Free Package (Note: Microdot may be in either location)
http://onsemi.com
16
TL431, A, B Series, NCV431A, B
PACKAGE DIMENSIONS
TO-92 (TO-226) LP SUFFIX PLASTIC PACKAGE CASE 29-11 ISSUE AL
A R P L
SEATING PLANE
B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CONTOUR OF PACKAGE BEYOND DIMENSION R IS UNCONTROLLED. 4. LEAD DIMENSION IS UNCONTROLLED IN P AND BEYOND DIMENSION K MINIMUM. INCHES MIN MAX 0.175 0.205 0.170 0.210 0.125 0.165 0.016 0.021 0.045 0.055 0.095 0.105 0.015 0.020 0.500 --- 0.250 --- 0.080 0.105 --- 0.100 0.115 --- 0.135 --- MILLIMETERS MIN MAX 4.45 5.20 4.32 5.33 3.18 4.19 0.407 0.533 1.15 1.39 2.42 2.66 0.39 0.50 12.70 --- 6.35 --- 2.04 2.66 --- 2.54 2.93 --- 3.43 ---
K
XX G H V
1
D J C SECTION X-X N N
DIM A B C D G H J K L N P R V
PDIP-8 P SUFFIX PLASTIC PACKAGE CASE 626-05 ISSUE L
NOTES: 1. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 2. PACKAGE CONTOUR OPTIONAL (ROUND OR SQUARE CORNERS). 3. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. DIM A B C D F G H J K L M N MILLIMETERS MIN MAX 9.40 10.16 6.10 6.60 3.94 4.45 0.38 0.51 1.02 1.78 2.54 BSC 0.76 1.27 0.20 0.30 2.92 3.43 7.62 BSC --- 10 _ 0.76 1.01 INCHES MIN MAX 0.370 0.400 0.240 0.260 0.155 0.175 0.015 0.020 0.040 0.070 0.100 BSC 0.030 0.050 0.008 0.012 0.115 0.135 0.300 BSC --- 10_ 0.030 0.040
8
5
-B-
1 4
F
NOTE 2
-A- L
C -T-
SEATING PLANE
J N D K
M
M TA B
H
G 0.13 (0.005)
M M
http://onsemi.com
17
TL431, A, B Series, NCV431A, B
PACKAGE DIMENSIONS
Micro8 DM SUFFIX PLASTIC PACKAGE CASE 846A-02 ISSUE G
D
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. 846A-01 OBSOLETE, NEW STANDARD 846A-02. MILLIMETERS NOM MAX -- 1.10 0.08 0.15 0.33 0.40 0.18 0.23 3.00 3.10 3.00 3.10 0.65 BSC 0.40 0.55 0.70 4.75 4.90 5.05 MIN -- 0.05 0.25 0.13 2.90 2.90 INCHES NOM -- 0.003 0.013 0.007 0.118 0.118 0.026 BSC 0.016 0.021 0.187 0.193 MIN -- 0.002 0.010 0.005 0.114 0.114
HE
E
PIN 1 ID
e b 8 PL 0.08 (0.003)
M
TB
S
A
S
-T- PLANE 0.038 (0.0015) A1
SEATING
DIM A A1 b c D E e L HE
MAX 0.043 0.006 0.016 0.009 0.122 0.122 0.028 0.199
A c L
SOLDERING FOOTPRINT*
8X
1.04 0.041
0.38 0.015
8X
3.20 0.126
4.24 0.167
5.28 0.208
6X
0.65 0.0256
SCALE 8:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
18
TL431, A, B Series, NCV431A, B
SOIC-8 D SUFFIX PLASTIC PACKAGE CASE 751-07 ISSUE AH
-X- A
8 5 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. 751-01 THRU 751-06 ARE OBSOLETE. NEW STANDARD IS 751-07. MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244
B
1 4
S
0.25 (0.010)
M
Y
M
-Y- G C -Z- H D 0.25 (0.010)
M SEATING PLANE
K
N
X 45 _
0.10 (0.004)
M
J
ZY
S
X
S
DIM A B C D G H J K M N S
SOLDERING FOOTPRINT*
1.52 0.060
7.0 0.275
4.0 0.155
0.6 0.024
1.270 0.050
SCALE 6:1
mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
Micro8 is a trademark of International Rectifier.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
19
TL431/D


▲Up To Search▲   

 
Price & Availability of TL43106

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X